Part Number Hot Search : 
A1002 50020 15KPA24A PC250 SDZ15VG EBF24H 74HC04 NJU73
Product Description
Full Text Search
 

To Download NTE156 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTE156 General Purpose Silicon Rectifier
Features: D Low Leakage D Low Forward Voltage Drop D High Current Capability Maximum Ratings: (TA = +25C unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%) Peak Repetitive Reverse Voltage, VRRM . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1000V DC Blocking Voltage, VR . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1000V RMS Reverse Voltage, VR(RMS) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 700V Average Rectified Forward Current. IO (.375" (9.5mm) lead length, TA = +50C) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2A Non-Repetitive Peak Surge Current, IFSM (8.3ms single half sine-wave superimposed on rated load) . . . . . . . . . . . . . . . . . . . . . . . . 70A Operating Junction Temperature Range, TJ . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -65 to +175C Storage Temperature Range, Tstg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -65 to +175C Typical Thermal Resistance, Junction-to-Anbient, RthJA . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50C/W Electrical Characteristics: (TA = +25C unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%)
Parameter Maximum Instantaneous Forward Voltage Drop Maximum Reverse Current Maximum Full-Cycle Average Reverse Current Typical Junction Capacitance Symbol VF IR IR(AV) Cj Test Conditions IF = 2A VRRM = 1000V, TJ = +25C VRRM = 1000V, TJ = +100C TL +75C, .375 (9.5) leads Note 1 Min Typ Max Unit - - - - - - - - - 40 1.1 5.0 50 30 - A pF V A
Note 1. Measured at 1MHz and applied reverse voltage of 4.0 volts.
1.075 (27.3) Min
.250 (6.35) Max
.030 (0.76) Dia Max Color Band Denotes Cathode
.130 (3.3) Dia Max


▲Up To Search▲   

 
Price & Availability of NTE156

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X